Part Number Hot Search : 
L78M0 SF1101A KBPC6 D6L60HT 2N1008 74476402 UM5123 55C60B
Product Description
Full Text Search
 

To Download PT121XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications are subject to change without notice. rev. 4/02 0.90 0.1 (0.035 0.004) dia. recommended pcb layout 5.00 0.1 (0.197 0.004) 5.00 (.197) 10.15 (0.40) 12.70 (0.50) max. max. 0.70 (0.027) dia. heat shrink tube coated 5.00 (0.197) tolerance: 0.25 (0.010) pt121 series - radial high q inductors features low cost, high quality excellent temperature stability high currents e12 series 100 ? to 33mh open construction available with 3m tape (#56) for outer covering (standard version) or heat shrink tube (??version) applications telecommunications dimensions: mm (inches) electrical specifications (@ 25?) product dimensions recommended pcb layout electrical schematic measure self part inductance q frequency resonant dcr rated number typical (1) (min.) q and frequency ? i dc mh ?0% inductance mhz min. (2) (max.) ma (max.) khz pt12110 0.10 80 796.0 5.30 2.0 200 pt12111 0.12 80 796.0 4.50 2.0 200 pt12112 0.15 80 796.0 3.80 2.0 200 pt12113 0.18 80 796.0 3.30 3.0 200 pt12114 0.22 80 796.0 2.90 3.0 200 pt12115 0.27 80 796.0 2.60 3.0 200 pt12116 0.33 80 796.0 2.30 4.0 200 pt12117 0.39 80 796.0 2.10 4.0 200 pt12118 0.47 80 796.0 1.90 4.0 200 pt12119 0.56 80 796.0 1.70 4.0 200 pt12120 0.60 80 796.0 1.60 4.0 200 pt12121 0.82 80 796.0 1.40 6.0 200 pt12122 1.00 90 252.0 1.30 6.0 150 pt12123 1.20 90 252.0 1.20 9.0 150 pt12124 1.50 90 252.0 1.10 9.0 150 pt12125 1.80 90 252.0 1.00 9.0 100 pt12126 2.20 90 252.0 0.90 13.0 100 pt12127 2.70 90 252.0 0.80 13.0 100 pt12128 3.30 90 252.0 0.70 13.0 100 pt12129 3.90 90 252.0 0.70 13.0 50 pt12130 4.70 90 252.0 0.60 18.0 50 pt12131 5.60 90 252.0 0.60 18.0 50 pt12132 6.80 90 252.0 0.50 26.0 50 pt12133 8.20 90 252.0 0.50 26.0 50 pt12134 10.00 100 79.6 0.40 40.0 40 pt12135 12.00 100 79.6 0.40 40.0 40 pt12136 15.00 100 79.6 0.40 60.0 40 pt12137 18.00 100 79.6 0.30 60.0 30 pt12138 22.00 100 79.6 0.30 80.0 30 pt12139 27.00 100 79.6 0.30 80.0 30 pt12140 33.00 100 79.6 0.30 80.0 30 note: (1) version j: inductance value ?% is also available. please add ??to above part number if inductance value ?% is required (i.e. pt12110j) (2) measurements are made at 25 ? using hp4277a lcz meter self resonant frequency is for reference only. full encapsulated units with epoxy resin are also available. please consult factory for details. ??version uses heat shrink tube for outer cover. diameter and height are slightly higher than standard version. (see product dimensions.) 5.00 (.197) 8.00 (0.314) 12.70 (0.50) max. max. 1.52 (0.060) max. 0.70 (0.027) dia. solder joint 5.00 (0.197) 1 2 schematic pt121s series pt121 series


▲Up To Search▲   

 
Price & Availability of PT121XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X